Part Number Hot Search : 
560M20 560M20 MAX17 TFS70H13 DT74ALV 2805S 74HC4011 IRFR410
Product Description
Full Text Search
 

To Download APL560312BTI-TRG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 a p l 5 6 0 3 w w w . a n p e c . c o m . t w 1 a n p e c r e s e r v e s t h e r i g h t t o m a k e c h a n g e s t o i m p r o v e r e l i a b i l i t y o r m a n u f a c t u r a b i l i t y w i t h o u t n o t i c e , a n d a d v i s e c u s t o m e r s t o o b t a i n t h e l a t e s t v e r s i o n o f r e l e v a n t i n f o r m a t i o n t o v e r i f y b e f o r e p l a c i n g o r d e r s . l o w d r o p o u t 6 0 0 m a f i x e d v o l t a g e l i n e a r r e g u l a t o r t h e a p l 5 6 0 3 i s a l o w - p o w e r a n d l o w d r o p o u t l i n e a r r e g u - l a t o r s w h i c h o p e r a t e s f r o m 2 . 9 v t o 6 v i n p u t v o l t a g e a n d d e l i v e r s u p t o 6 0 0 m a o u t p u t c u r r e n t . t y p i c a l d r o p o u t v o l t - a g e i s o n l y 2 2 0 m v ( t y p i c a l ) a t 6 0 0 m a o u t p u t . t h e a p l 5 6 0 3 r e g u l a t o r s w i t h l o w 1 4 0 m a q u i e s c e n t c u r r e n t a r e i d e a l f o r b a t t e r y - p o w e r e d s y s t e m a p p l i a n c e s . t h e a p l 5 6 0 3 r e g u - l a t o r s a r e s t a b l e w i t h a 2 . 2 m f c e r a m i c c a p a c i t o r . t h e f e a - t u r e s o f c u r r e n t - l i m i t , s h o r t - c i r c u i t c u r r e n t - l i m i t , a n d o v e r - t e m p e r a t u r e p r o t e c t i o n s c a n p r e v e n t t h e d e v i c e a g a i n s t c u r r n e t o v e r l o a d a n d o v e r - t e m p e r a t u r e . t h e a p l 5 6 0 3 r e g u l a t o r s a r e a v a i l a b e i n s o t - 2 3 - 5 , t s o t - 2 3 - 5 , s o p - 8 , a n d d f n 3 x 3 - 8 p a c k a g e s . f e a t u r e s g e n e r a l d e s c r i p t i o n a p p l i c a t i o n s cd/dvd-rom, cd-r/w networking system, lan card, adsl/cable modem set-top box pc peripherals battery-powered system low dropout voltage: 220mv (typical) @600ma wide 2.9v~6v input voltage low quiescent current: 140 m a (typical) fixed output voltage with 2% accuracy stable with ceramic, 2.2 m f output capacitor short-circuit current-limit over-temperature protection current-limit protection internal soft-start sot-23-5, tsot-23-5, sop-8, and dfn3x3-8 packages lead free and green devices available (rohs compliant) p i n c o n f i g u r a t i o n s gnd 2 5 vout en 3 4 nc vin 1 sot-23-5/tsot-23-5 (top view) apl5603 vout 3 8 en vin 1 vin 2 vout 4 7 nc 5 nc 6 gnd dfn3x3-8 (top view) apl5603 7 gnd vout 3 vin 2 nc 4 6 gnd 5 gnd 8 gnd en 1 sop-8 (top view) apl5603
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 2 a p l 5 6 0 3 marking for sot - 23 - 5 package product name marking product name marking product name marking apl5603 - 12b 63 5x apl5603 - 15b 63 9x apl5603 - 18b 63 cx apl5603 - 25b 63 jx apl5603 - 28b 63 mx apl5603 - 3 0 b 63 ox apl5603 - 33b 63 rx * ? x ? in the marking indicates data c ode. marking for tsot - 23 - 5 package product name marking product name marking product name marking apl5603 - 12b t 63 5x apl5603 - 15b t 63 9x apl5603 - 18b t 63 cx apl5603 - 25b t 63 jx apl5603 - 28b t 63 mx apl5603 - 3 0 b t 63 ox apl5603 - 33b t 63 rx * ? x ? in the marking ind icates data code. a b s o l u t e m a x i m u m r a t i n g s ( n o t e 2 ) symbol parameter rating unit v in vin supply voltage (vin to gnd) - 0.3 to 6.5 v t j maximum junction temperature 150 o c v out output voltage (vout to gnd) - 0.3 to v in +0.3 v v en en pin voltage (ven to gnd) - 0.3 to 6.5 v t stg storage temperature range - 65 to 150 o c t sdr maximum lead soldering temperature, 10 seconds 260 o c p d power dissipation internally limited o r d e r i n g a n d m a r k i n g i n f o r m a t i o n note : anpec lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully compliant with rohs. anpec lead-free products meet or exceed the lead-free requirements of ipc/jedec j-std-020d for msl classification at lead-free peak reflow temperature. anpec defines ?green? to mean lead-free (rohs compliant) and halogen free (br or cl does not exceed 900ppm by weight in homogeneous material and total of br and cl does not exceed 1500ppm by weight). n o t e 1 : f o r o t h e r v o l t a g e v e r s i o n s p l e a s e c o n t a c t a n p e c f o r d e t a i l s . n o t e 2 : a b s o l u t e m a x i m u m r a t i n g s a r e t h o s e v a l u e s b e y o n d w h i c h t h e l i f e o f a d e v i c e m a y b e i m p a i r e d . e x p o s u r e t o a b s o l u t e m a x i m u m r a t i n g c o n d i t i o n s f o r e x t e n d e d p e r i o d s m a y a f f e c t d e v i c e r e l i a b i l i t y . voltage code (note 1) 12 : 1.2v 15 : 1.5v 18 : 1.8v 25 : 2.5v 28 : 2.8v 30 : 3.0v 33 : 3.3v package code b : sot-23-5 bt : tsot-23-5 k : sop-8 qa : dfn3x3-8 operating ambient temperature range i : -40 to 85 o c handling code tr : tape & reel assembly material g : h a l o g e n a n d l e a d f r e e d e v ice apl5603 handling code temperature range package code assembly material voltage code apl5603-18 k : xxxxx - date code ; 18 - voltage code apl5603 xxxxx 18 apl5603-18 qa : xxxxx - date code ; 18 - voltage code l5603 18 xxxxx
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 3 a p l 5 6 0 3 note 3: at elevated temperatures, device power dissipation must be derated based on package thermal resistance and heatsink values. the junction-to-ambient thermal resistance is measured on a pc board mounting with the device soldered down to minimum copper area. if power dissipation causes the junction temperature to exceed specified limits, the device will go into thermal shutdown. note 4: the maximum allowable power dissipation at any t a (ambient temperature) is calculated using: p d (max) = (t j - t a ) / q ja ; t j = 125c. exceeding the maximum allowable power dissipation will result in excessive die temperature. symbol parameter ra nge unit v in vin to gnd 2.9 to 6 v i out output current 0 to 0.6 a c in input capacitor 0.82 to 470 m f c out output capacitor 1 to 330 m f t j junction temperature - 40 to 125 c t a ambient temperature - 40 to 85 c e l e c t r i c a l c h a r a c t e r i s t i c s apl5603 symbol parameter test conditions min . typ . max . unit supply current v en = 0v - - 1 m a i q quiescent current v in =v en =5v, i out =0ma - 140 200 m a under - voltage - lockout vin uvlo threshold v in rising 2.1 2.5 2.9 v vin uvlo hysteresis - 0.1 5 - v output voltage t a = 25 c - 1 - +1 v out output voltage t a = - 40 to 85 c (t j = - 40 to 125 c ) - 2 - +2 % v out line regulation v in = v out + 1v to 6v - 0.03 0.19 % /v load regulation i out = 1ma to 600ma - 0.6 1.5 %/a v out =2. 8 v, i out =600ma - 240 500 v out = 3.3 v, i out =600ma - 220 450 v drop dropout voltage v out =5v, i out =600ma - 200 420 m v psrr p ower s upply r ipple r e je ction v in = v out + 2v, f = 1khz - 55 - db r e c o m m e n d e d o p e r a t i n g c o n d i t i o n s symbol parameter typical value unit q ja junction to air t hermal r esistance sot - 23 - 5 tsot - 23 - 5 sop - 8 dfn3x3 - 8 260 260 1 5 0 110 c /w t h e r m a l c h a r a c t e r i s t i c s ( n o t e 3 , 4 ) refer to the typical application circuit. v in = v out +1v or 2.9v (minimum), whichever is great, v en = v in , i out = 1ma, t j = -40 to 125 c, t a = -40 to 85c , unless otherwise specified. typical values are at t a = 25c.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 4 a p l 5 6 0 3 e l e c t r i c a l c h a r a c t e r i s t i c s ( c o n t . ) apl5603 symbol parameter test conditions min . typ . max . unit soft - start and protection i lim output current - limit 700 - - ma thermal shutdown temperature - 150 - c thermal shutdown hysteresis - 40 - c short - circuit current - limit v out < 0 .6v - 250 - ma t ss soft - start time - 130 300 m s logic input en logic input - high level 1.6 - - v en logic input - low level - - 0.4 v en pull - low resistance v en <3v - 2 - m w refer to the typical application circuit. v in = v out +1v or 2.9v (minimum), whichever is great, v en = v in , i out = 1ma, t j = -40 to 125 c, t a = -40 to 85c , unless otherwise specified. typical values are at t a = 25c.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 5 a p l 5 6 0 3 t y p i c a l o p e r a t i n g c h a r a c t e r i s t i c s v i n t o v o u t d r o p o u t v s . j u n c t i o n t e m p e r a t u r e j u n c t i o n t e m p e r a t u r e , t j ( o c ) power supply ripple rejection f r e q u e n c y ( h z ) e n t h r e s h o l d v s . i n p u t v o l t a g e q u i e s c e n t c u r r e n t v s . i n p u t v o l t a g e i n p u t v o l t a g e , v i n ( v ) i n p u t v o l t a g e , v i n ( v ) quiescent current ( m a) en threshold, v ht-en (v) psrr (db) vin to v out dropout, v drop (v) 0.8 0.9 1 1.1 1.2 1.3 1.4 1.5 1.6 3 3.5 4 4.5 5 5.5 6 6.5 -80 -70 -60 -50 -40 -30 -20 -10 0 1000 10000 100000 v in =3.3v, v out =1.8v, c in =1 m f, c out =2.2 m f, i out =500ma c u r r e n t - l i m i t v s . j u n c t i o n t e m p e r a t u r e current-limit, i lim (a) j u n c t i o n t e m p e r a t u r e , t j ( o c ) (refer to the application circuit 1 in the section ?typical application circuits,? v in =5v, v out =3.3v, c out =2.2 m f, unless otherwise specified.) 0 50 100 150 200 250 300 350 -50 -25 0 25 50 75 100 125 150 v out =3.3v i out =600ma i out =400ma i out =200ma v i n t o v o u t d r o p o u t v s . j u n c t i o n t e m p e r a t u r e 0 40 80 120 160 200 0 1 2 3 4 5 6 i out =0ma 0 50 100 150 200 250 300 -50 -25 0 25 50 75 100 125 150 i out =600ma i out =400ma i out =200ma v out =5v j u n c t i o n t e m p e r a t u r e , t j ( o c ) vin to v out dropout, v drop (v) 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 -50 -25 0 25 50 75 100 125 150 v in =3.3v v in =5v
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 6 a p l 5 6 0 3 o p e r a t i n g w a v e f o r m s (refer to the application circuit 1 in the section ?typical application circuits,? v in =5v, v out =3.3v, c out =2.2 m f, unless otherwise specified.) c h 1 : v i n , 2 v / d i v c h 3 : v o u t , 2 v / d i v c h 4 : i o u t , 5 0 0 m a / d i v t i m e : 1 m s / d i v p o w e r o n 2 1 v in v out i out 3 p o w e r o f f c h 1 : v i n , 2 v / d i v c h 2 : v o u t , 2 v / d i v c h 3 : i o u t , 5 0 0 m a / d i v t i m e : 2 0 0 m s / d i v 2 1 3 v in v set v out i out v in v out i out e n a b l e c h 1 : v e n , 5 v / d i v c h 2 : v o u t , 2 v / d i v c h 3 : i o u t , 5 0 0 m a / d i v t i m e : 1 0 0 m s / d i v v en v out i out 2 1 3 s h u t d o w n c h 1 : v e n , 5 v / d i v c h 2 : v o u t , 2 v / d i v c h 3 : i o u t , 5 0 0 m a / d i v t i m e : 2 0 m s / d i v 2 1 3 v en v out i out
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 7 a p l 5 6 0 3 o p e r a t i n g w a v e f o r m s ( c o n t . ) (refer to the application circuit 1 in the section ?typical application circuits,? v in =5v, v out =3.3v, c out =2.2 m f, unless otherwise specified.) c u r r e n t - l i m i t a n d s h o r t - c i r c u i t c u r r e n t - l i m i t c h 1 : v i n , 5 v / d i v c h 2 : v o u t , 2 v / d i v c h 3 : i o u t , 1 a / d i v t i m e : 2 m s / d i v v in v out i out 2 1 3 c h 1 : v i n , 5 v / d i v c h 2 : v o u t , 2 v / d i v c h 3 : i o u t , 5 0 0 m a / d i v t i m e : 5 0 0 m s / d i v t h e r m a l s h u t d o w n v in v out i out 2 1 3 l o a d t r a n s i e n t c h 1 : v o u t , 1 0 0 m v / d i v ( o f f s e t = 3 . 3 v ) c h 2 : i o u t , 2 0 0 m v / d i v t i m e : 2 0 0 m s / d i v v in =5v, v out =3.3v c in =1 m f, c out =2.2 m f, i out rising/ falling time=1 m s 2 1 v out i out l i n e t r a n s i e n t c h 1 : v i n , 2 v / d i v c h 2 : v o u t , 2 0 m v / d i v ( o f f s e t = 3 . 3 v ) t i m e : 2 0 0 m s / d i v v in =4.5~ 6 v, v in rising/falling=10 m s, i out =300ma 2 1 v out v in
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 8 a p l 5 6 0 3 pin name function vin input supply pin. supply voltage can range from 2. 9 v to 6v. bypass with a 1f capacitor to gnd . vout regulator output . sources up to 600ma. a small capacitor (2.2 m f, typical) is needed from this pin to ground to assure stability. e n shutdown control input. driving the en high turns on the regulator. driving the en pin low puts the regulator into shutdown mode. the en pin is pulled low by an internal resistor. gnd g round. b l o c k d i a g r a m p i n d e s c r i p t i o n t y p i c a l a p p l i c a t i o n c i r c u i t vin en gnd vout apl5603 c2 2.2 m f c1 1 m f v i n v out v en enable shutdown uvlo and soft-start thermal shutdown vin gnd current-limit v ref =0.8v short-circuit current-limit vout en
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 9 a p l 5 6 0 3 f u n c t i o n d e s c r i p t i o n thermal shutdown a thermal shutdown circuit limits the junction tempera- ture of apl5603. when the junction temperature exceeds +150 o c, the thermal shutdown circuitry disables the output, which allows the device to cool down. the output circuitry is enabled again after the junction temperature cools down by 40 o c, resulting in a pulsed output during continuous thermal overload conditions. thermal pro- tection is designed to protect the ic in the event of over- temperature conditions. for reliable operation, the junc- tion temperature cannot exceed t j =+125 o c. enable and shutdown driving the en high turns on the regulator, driving the en low puts the regulator into shutdown mode. a logic low also causes the output voltage to discharge to the gnd. the en is pulled low by an internal resistor. under-voltage lockout (uvlo) the apl5603 regulator has a built-in under-voltage lock- out circuit to keep the output shut off until internal circuitry is operating properly. t h e u v l o f u n c t i o n i n i t i a t e s a s o f t - s t a r t p r o c e s s a f t e r i n p u t v o l t a g e e x c e e d s i t s r i s i n g u v l o t h r e s h o l d d u r i n g p o w e r o n . t y p i c a l u v l o t h r e s h o l d i s 2 . 4 v w i t h 0 . 1 5 v h y s t e r e s i s . soft-start the apl5603 provides an internal soft-start circuitry to control rise rate of the output voltage and limit the current surge during start-up. approximate 20 m s delay time after the v in is over the uvlo threshold, the output voltage starts the soft-start. the typical soft-start interval is about 130 m s. current-limit the apl5603 provides a current-limit circuitry, which monitors and controls p-mos?s gate voltage, limiting the output current to 700ma. for reliable operation, the de- vice should not be operated in current-limit for extended period. short-circuit current-limit when the output voltage drops below 0.6v due to over- load or short-circuit, the internal short-circuit current-limit circuitry limits the output current down to 250ma. the short-circuit current-limit is used to reduce the power dis- sipation during short-circuit condition. in some high v in - v out conditions, if the junction temperature is over the thermal shutdown temperature, the device will enter the thermal shutdown. please refer to the section on thermal considerations for power dissipation calculations. the short-circuit current-limit has featured with blanking time after the uvlo threshold is reached, so that it will avoid the output causing short-circuit current-limit protection during start-up; the blanking time is about 600 m s.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 0 a p l 5 6 0 3 a p p l i c a t i o n i n f o r m a t i o n l a y o u t c o n s i d e r a t i o n f i g u r e 1 i l l u s t r a t e s t h e l a y o u t . b e l o w i s a c h e c k l i s t f o r y o u r l a y o u t : 1 . p l e a s e p l a c e t h e i n p u t c a p a c i t o r s c l o s e t o t h e v i n . 2 . c e r a m i c c a p a c i t o r s f o r l o a d m u s t b e p l a c e d n e a r t h e l o a d a s c l o s e a s p o s s i b l e . 3 . t o p l a c e a p l 5 6 0 3 a n d o u t p u t c a p a c i t o r s n e a r t h e l o a d i s g o o d f o r p e r f o r m a n c e . 4 . l a r g e c u r r e n t p a t h s , t h e b o l d l i n e s i n f i g u r e 1 , m u s t h a v e w i d e t r a c k s . input capacitor the apl5603 requires proper input capacitors to supply surge current during stepping load transients to prevent the input rail from dropping. because the parasitic induc- tor from the voltage sources or other bulk capacitors to the vin limits the slew rate of the surge current, it is nec- essary to place the input capacitors near vin as close as possible. input capacitors should be larger than 0.82 m f. output capacitor the apl5603 needs a proper output capacitor to main- tain circuit stability and to improve transient response over-temperature and current. in order to insure the cir- cuit stability, the proper output capacitor value should be larger than 1 m f. with x5r and x7r dielectrics, 2.2 m f is sufficient at all operating temperatures. maximum output capacitor should be less than 330 m f to insure the sys- tem can be powered on effectively. the apl5603 maximum power dissipation depends on the thermal resistance and temperature difference be- tween the die junction and ambient air. the power dissi- pation p d across the device is: p d = (t j - t a ) / q ja w h e r e ( t j - t a ) i s t h e t e m p e r a t u r e d i f f e r e n c e b e t w e e n t h e j u n c t i o n a n d a m b i e n t a i r . q ja i s t h e t h e r m a l r e s i s t a n c e b e t w e e n j u n c t i o n a n d a m b i e n t a i r . a s s u m i n g t h e t a = 2 5 o c a n d m a x i m u m t j = 1 5 0 o c ( t y p i c a l t h e r m a l l i m i t t h r e s h o l d ) , t h e m a x i m u m p o w e r d i s s i p a t i o n i s c a l c u l a t e d a s : p d ( m a x ) = ( 1 5 0 - 2 5 ) / 2 6 0 = 0 . 4 8 ( w ) for normal operation, do not exceed the maximum oper- ating junction temperature of t j = 125 o c. the calculated power dissipation should be less than: p d =(125-25)/260 = 0.38(w) the gnd provides an electrical connection to ground and channels heat away. connect the gnd to the ground by using a large pad or ground plane. o p e r a t i o n r e g i o n a n d p o w e r d i s s i p a t i o n f i g u r e 1 . large ground plane is good for heating. optimum perfor- mance can only be achieved when the device is mounted on a pc board according to the board layout diagrams which are shown as figure2, 3, and 4. f i g u r e 2 . f i g u r e 3 . f i g u r e 4 . vin vout gnd apl5603 c in c out v in v out en v en sot-23-5 c in c out v out gnd dfn3x3-8 v out v in gnd c in c out for dissipating heat sop-8 gnd v out v in gnd c in c out for dissipating heat
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 1 a p l 5 6 0 3 p a c k a g e i n f o r m a t i o n s o t - 2 3 - 5 max. 0.057 0.051 0.024 0.006 0.009 0.020 0.012 l 0.30 0 e e1 e1 e d c b 0.08 0.30 0.60 0.012 0.95 bsc 1.90 bsc 0.22 0.50 0.037 bsc 0.075 bsc 0.003 min. millimeters s y m b o l a1 a2 a 0.00 0.90 sot-23-5 max. 1.45 0.15 1.30 min. 0.000 0.035 inches 8 0 8 0 b c e1 0 l view a 0 . 2 5 gauge plane seating plane a a 2 a 1 e d e e 1 see view a 1.40 2.60 1.80 3.00 2.70 3.10 0.122 0.071 0.118 0.102 0.055 0.106 note : 1. follow jedec to-178 aa. 2. dimension d and e1 do not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 10 mil per side.
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 2 a p l 5 6 0 3 p a c k a g e i n f o r m a t i o n t s o t - 2 3 - 5 s y m b o l min. max. 1.00 0.01 0.08 0.22 0.10 a a1 c d e e1 e e1 l millimeters b 0.30 0.50 0.95 bsc tsot-23-5 0.30 0.60 0.037 bsc min. max. inches 0.039 0.000 0.028 0.035 0.003 0.009 0.012 0.024 0 0.004 a2 0.70 0.90 0.012 0.020 1.90bsc 0.075 bsc 0 8 0 8 1.40 1.80 2.60 3.00 2.70 3.10 0.106 0.122 0.055 0.071 0.102 0.118 note : 1. followed from jedec to-178 aa. 2. dimension d and e1 do not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 10 mil per side. 0.70 0.028 see view a c e 1 e d e e1 b a a 2 a 1 view a l seating plane gauge plane 0 . 2 5
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 3 a p l 5 6 0 3 p a c k a g e i n f o r m a t i o n s o p - 8 a a 1 a 2 l view a 0 . 2 5 seating plane gauge plane note: 1. follow jedec ms-012 aa. 2. dimension ? d ? does not include mold flash, protrusions or gate burrs. mold flash, protrusion or gate burrs shall not exceed 6 mil per side. 3. dimension ? e ? does not include inter-lead flash or protrusions. inter-lead flash and protrusions shall not exceed 10 mil per side. s y m b o l min. max. 1.75 0.10 0.17 0.25 0.25 a a1 c d e e1 e h l millimeters b 0.31 0.51 sop-8 0.25 0.50 0.40 1.27 min. max. inches 0.069 0.004 0.012 0.020 0.007 0.010 0.010 0.020 0.016 0.050 0 0.010 1.27 bsc 0.050 bsc a2 1.25 0.049 0 8 0 8 3.80 5.80 4.80 4.00 6.20 5.00 0.189 0.197 0.228 0.244 0.150 0.157 d e e e 1 see view a c b h x 4 5 seating plane < 4 mils -t-
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 4 a p l 5 6 0 3 p a c k a g e i n f o r m a t i o n dfn3x3-8 s y m b o l min. max. 1.00 0.00 0.25 0.35 1.90 2.40 0.05 1.40 a a1 b d d2 e e2 e l millimeters a3 0.20 ref dfn3x3-8 0.30 0.50 1.75 0.008 ref min. max. inches 0.039 0.000 0.010 0.014 0.075 0.094 0.055 0.012 0.020 0.80 0.069 0.031 0.002 0.65 bsc 0.026 bsc 0.20 0.008 k 2.90 3.10 0.114 0.122 2.90 3.10 0.114 0.122 d e pin 1 a a1 a3 b d2 pin 1 corner e e 2 k l
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 5 a p l 5 6 0 3 c a r r i e r t a p e & r e e l d i m e n s i o n s a e 1 a b w f t p0 od0 b a0 p2 k0 b 0 section b-b section a-a od1 p1 h t1 a d application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 8.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 8.0 ? 0.30 1.75 ? 0.10 3.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 so t - 23 - 5 4.0 ? 0.10 4.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.0 min. 0.6+0.00 - 0.4 0 3.20 ? 0.20 3.10 ? 0.20 1.50 ? 0.20 application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 8.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 8.0 ? 0.30 1.75 ? 0.10 3.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 tsot - 23 - 5 4.0 ? 0.10 4.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.0 min. 0.6+0.00 - 0.40 3.20 ? 0.20 3.10 ? 0.20 1.50 ? 0.20 application a h t1 c d d w e1 f 330.0 ? 2.00 50 min. 12.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 sop - 8 4.0 ? 0.10 8.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0.40 6.40 ? 0.20 5.20 ? 0.20 2.10 ? 0.20 (mm)
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 6 a p l 5 6 0 3 c a r r i e r t a p e & r e e l d i m e n s i o n s ( c o n t . ) application a h t1 c d d w e1 f 178.0 ? 2.00 50 min. 12.4+2.00 - 0.00 13.0+0.50 - 0.20 1.5 min. 20.2 min. 12.0 ? 0.30 1.75 ? 0.10 5.5 ? 0.05 p 0 p1 p 2 d 0 d1 t a 0 b 0 k 0 dfn3x3 - 8 4.0 ? 0.10 8.0 ? 0.10 2.0 ? 0.05 1.5+0.10 - 0.00 1.5 min. 0.6+0.00 - 0 .40 3.30 ? 0.20 3.30 ? 0.20 1.30 ? 0.20 (mm) package type unit quantity sot - 23 - 5 tape & reel 3000 t sot - 23 - 5 tape & reel 3000 so p - 8 tape & reel 2500 dfn3x3 - 8 tape & reel 3000 d e v i c e s p e r u n i t t a p i n g d i r e c t i o n i n f o r m a t i o n (t)sot-23-5 user direction of feed sop-8 user direction of feed
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 7 a p l 5 6 0 3 t a p i n g d i r e c t i o n i n f o r m a t i o n ( c o n t . ) dfn3x3-8 user direction of feed c l a s s i f i c a t i o n p r o f i l e
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 8 a p l 5 6 0 3 c l a s s i f i c a t i o n r e f l o w p r o f i l e s profile feature sn - pb eutectic assembly pb - free assembly preheat & soak temperature min (t smin ) temperature max (t smax ) time (t smin to t smax ) ( t s ) 100 c 150 c 60 - 120 seconds 150 c 200 c 60 - 1 2 0 seconds average ramp - up rate (t smax to t p ) 3 c/second ma x. 3 c/second max. liquidous temperature ( t l ) time at l iquidous (t l ) 183 c 60 - 150 seconds 217 c 60 - 150 seconds peak package body temperature (t p ) * see classification temp in table 1 see classification temp in table 2 time (t p ) ** within 5 c of the spe cified c lassification t emperature ( t c ) 2 0 ** seconds 3 0 ** seconds average r amp - down rate (t p to t smax ) 6 c/second max. 6 c/second max. time 25 c to p eak t emperature 6 minutes max. 8 minutes max. * tolerance for peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. ** tolerance for time at peak profile temperature (t p ) is defined as a supplier minimum and a user maximum. table 1. snpb eutectic process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 3 350 <2.5 mm 235 c 22 0 c 3 2.5 mm 220 c 220 c table 2. pb - free process ? classification temperatures (tc) package thickness volume mm 3 <350 volume mm 3 350 - 2000 volume mm 3 >2000 <1.6 mm 260 c 260 c 260 c 1.6 mm ? 2.5 mm 260 c 250 c 245 c 3 2.5 mm 250 c 245 c 245 c r e l i a b i l i t y t e s t p r o g r a m test item method description solderability jesd - 22, b102 5 sec, 245 c holt jesd - 22, a108 1000 hrs, bias @ t j =125 c pct jesd - 22, a102 168 hrs, 100 % rh, 2atm , 121 c tct jesd - 22, a104 500 cycles, - 65 c~150 c hbm mil - std - 883 - 3015.7 vhbm ? 2kv mm jesd - 22, a1 15 vmm ? 200v latch - up jesd 78 10ms, 1 tr ? 100ma
c o p y r i g h t ? a n p e c e l e c t r o n i c s c o r p . r e v . a . 6 - m a r . , 2 0 1 1 w w w . a n p e c . c o m . t w 1 9 a p l 5 6 0 3 c u s t o m e r s e r v i c e a n p e c e l e c t r o n i c s c o r p . head office : no.6, dusing 1st road, sbip, hsin-chu, taiwan, r.o.c. tel : 886-3-5642000 fax : 886-3-5642050 t a i p e i b r a n c h : 2 f , n o . 1 1 , l a n e 2 1 8 , s e c 2 j h o n g s i n g r d . , s i n d i a n c i t y , t a i p e i c o u n t y 2 3 1 4 6 , t a i w a n t e l : 8 8 6 - 2 - 2 9 1 0 - 3 8 3 8 f a x : 8 8 6 - 2 - 2 9 1 7 - 3 8 3 8


▲Up To Search▲   

 
Price & Availability of APL560312BTI-TRG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X